Part Number Hot Search : 
RT7285C BA4558RF RC0031E SHM100 2N3867S M3611 N25Q8 17CDD
Product Description
Full Text Search
 

To Download KF5N50DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, fast reverse recovery time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for electronic ballast and switching mode power supplies. FEATURES
VDSS= 500V, ID= 4.3A Drain-Source ON Resistance : RDS(ON)=1.4 (Max) @VGS = 10V Qg(typ) = 12nC trr(typ) = 150ns
H G F F
KF5N50DR/DS
N CHANNEL MOS FIELD EFFECT TRANSISTOR
A C
K D
L
B
J
E N M
DIM MILLIMETERS _ A 6.60 + 0.20 _ 6.10 + 0.20 B _ 5.34 + 0.30 C _ D 0.70 + 0.20 _ E 2.70 + 0.15 _ 2.30 + 0.10 F 0.96 MAX G 0.90 MAX H _ 1.80 + 0.20 J _ 2.30 + 0.10 K _ 0.50 + 0.10 L _ M 0.50 + 0.10 0.70 MIN N
MAXIMUM RATING (Tc=25
CHARACTERISTIC Drain-Source Voltage Gate-Source Voltage @TC=25 Drain Current @TC=100 Pulsed (Note1) Single Pulsed Avalanche Energy (Note 2) Repetitive Avalanche Energy (Note 1) Peak Diode Recovery dv/dt (Note 3) Drain Power Dissipation Tc=25 Derate above 25
)
SYMBOL VDSS VGSS ID IDP EAS EAR dv/dt PD Tj Tstg RATING 500 30 4.3 2.7 13 270 8.6 20 59.5 0.48 150 -55 150 mJ mJ V/ns W W/ A UNIT V V
1
2
3
1. GATE 2. DRAIN 3. SOURCE
DPAK (1)
Maximum Junction Temperature Storage Temperature Range Thermal Characteristics Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-toAmbient
RthJC RthJA
2.1 110
/W /W
PIN CONNECTION
(KF5N50DR)
D
(KF5N50DS)
D
G G S S
2008. 12. 3
Revision No : 0
1/6
KF5N50DR/DS
ELECTRICAL CHARACTERISTICS (Tc=25
CHARACTERISTIC
)
TEST CONDITION MIN. TYP. MAX. UNIT
SYMBOL
Static
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Drain Cut-off Current Gate Threshold Voltage Gate Leakage Current Drain-Source ON Resistance A BVDSS BVDSS/A IDSS Vth IGSS RDS(ON) Tj ID=250E ID=250E , VGS=0V , Referenced to 25E 500 2.0 30V, VDS=0V 25V, VDS=0V 0.55 3/4 3/4 1.10 10 E V nA E U 4.0 100 10 1.4 V V/E
VDS=500V, VGS=0V, VDS=VGS, ID=250E KF5N50DR KF5N50DS VGS=3/4 VGS=3/4
VGS=10V, ID=2.5A
Dynamic
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-on Delay time Turn-on Rise time Turn-off Delay time Turn-off Fall time Input Capacitance Output Capacitance Reverse Transfer Capacitance Source-Drain Diode Ratings Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS ISP VSD trr Qrr VGSKF5N50DR KF5N50DS VDS=25V, VGS=0V, f=1.0MHz VDD=250V RL=50U RG=25U (Note4,5) VDS=400V, ID=5A VGS=10V (Note4,5) 12 3.4 4.5 23 17 40 13 510 440 69 6 pF ns nC
VDS=25V, VGS=0V, f=1.0MHz
Note 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L=19.5mH, IS=5A, VDD=50V, RG=25 , Starting Tj=25 . Note 3) IS 5A, dI/dt 100A/ , VDD 300 BVDSS, Starting Tj=25 , Duty Cycle 2%. . Note 4) Pulse Test : Pulse width
Note 5) Essentially independent of operating temperature.
Marking
1
1
KF5N50 801 DR
2
KF5N50 801 DS
2
1 PRODUCT NAME 2 LOT NO
2008. 12. 3
Revision No : 0
2/6
KF5N50DR/DS
Fig1. ID - VDS
100
VDS=30V
Fig2. ID - VGS
Drain Current ID (A)
Drain Current ID (A)
VGS=10V
10
1
10
VGS=7V
TC=100 C
1
VGS=5V
10
0
25 C
0.1 0.1 1 10 100
10
-1
2
4
6
8
10
Drain - Source Voltage VDS (V)
Gate - Source Voltage VGS (V)
Fig3. BVDSS - Tj
Normalized Breakdown Voltage BVDSS
1.2
VGS = 0V IDS = 250
Fig4. RDS(ON) - ID
3.0
On - Resistance RDS(ON) ()
2.5 2.0 1.5
VGS=10V VGS=6V
1.1
1.0
1.0 0.5 0 0
0.9
0.8 -100
-50
0
50
100
150
2
4
6
8
10
12
Junction Temperature Tj ( C )
Drain Current ID (A)
Fig5. IS - VSD
10
2
Fig6. RDS(ON) - Tj
3.0
VGS =10V IDS = 2.5A
Reverse Drain Current IS (A)
Normalized On Resistance
2.5 2.0 1.5 1.0 0.5
10
1
TC=100 C 25 C
10
0
10
-1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.0 -100
-50
0
50
100
150
Source - Drain Voltage VSD (V)
Junction Temperature Tj ( C)
2008. 12. 3
Revision No : 0
3/6
KF5N50DR/DS
Fig 7. C - VDS
1000 12
ID=5A
Fig8. Qg- VGS
Gate - Source Voltage VGS (V)
Ciss
10 8 6 4 2 0 0 2 4 6 8 10 12 14 16
VDS = 400V VDS = 250V VDS = 100V
Capacitance (pF)
100
Coss
10
Crss
1 0 5 10 15 20 25 30 35 40
Drain - Source Voltage VDS (V)
Gate - Charge Qg (nC)
Fig9. Safe Operation Area
102 Operation in this
Fig10. ID - Tj
6 5
(KF5N50D, KF5N50DZ)
area is limited by RDS(ON)
10s 100s
Drain Current ID (A)
101
Drain Current ID (A)
4 3 2 1 0 0 25 50 75 100 125 150
100
1ms 10ms
10-1
Tc= 25 C Tj = 150 C 2 Single pulse
100ms DC
10 0 10
10
1
102
103
Drain - Source Voltage VDS (V)
Junction Temperature Tj ( C)
Fig11. Transient Thermal Response Curve
Transient Thermal Resistance
Duty=0.5
100
0.2
0.1
0.05
10-1
0.02
0.01
ls Pu e
PDM t1 t2
gle Sin
10-2 10-5
- Duty Factor, D= t1/t2 Tj(max) - Tc - RthJC = PD 10-4 10-3 10-2 10-1 100 101
TIME (sec)
2008. 12. 3
Revision No : 0
4/6
KF5N50DR/DS
Fig12. Gate Charge
VGS Fast Recovery Diode 10 V
ID
0.8 VDSS 1.0 mA
ID Q Qgs Qgd Qg VGS
VDS
Fig13. Single Pulsed Avalanche Energy
1 EAS= LIAS2 2 BVDSS BVDSS - VDD
BVDSS
L
IAS
50V 25 VDS 10 V VGS ID(t)
VDD
VDS(t)
Time tp
Fig14. Resistive Load Switching
VDS 90% RL
0.5 VDSS 25 VDS 10V VGS
VGS 10% td(on) ton tr td(off) tf toff
2008. 12. 3
Revision No : 0
5/6
KF5N50DR/DS
Fig15. Source - Drain Diode Reverse Recovery and dv /dt
DUT VDS IF
Body Diode Forword Current
ISD (DUT)
IRM
di/dt
IS
Body Diode Reverse Current
0.5
VDSS
driver
VDS (DUT)
Body Diode Recovery dv/dt VSD VDD
10V
VGS
Body Diode Forword Voltage drop
2008. 12. 3
Revision No : 0
6/6


▲Up To Search▲   

 
Price & Availability of KF5N50DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X